PART |
Description |
Maker |
HX0068ANL H0009NL H0019NL H0020NL H0022NL H0025NL |
RoHS peak reflow temperature rating 260C
|
Pulse A Technitrol Company
|
H1121NL H1102NL H1101NL H1100NL H1302NL HX1188NL H |
RoHS peak reflow temperature rating: 245C
|
Pulse A Technitrol Company
|
451-90-216-00-017 350-10-116-00-001 350-90-116-00- |
PCB connectors 2.54 mm Single row / double row Solder tail 电路板连接器2.54毫米单列/双列焊尾 TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE 电路板连接器2.54毫米单列/双列焊尾 External Plug-In Power Supply; Series:; Output Voltage:15V; Output Power Max:30W; Output Current:2A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:84% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:30W; Output Current:2.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes CRIMP SHELLS DB50 FEMALE HOOD DB50 PLASTIC 10 PACK External Plug-In Power Supply; Series:; Output Voltage:9V; Output Power Max:30W; Output Current:3.33A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:81% RoHS Compliant: Yes DB-50 PLASTIC HOOD CRIMP SHELLS, DB50 FEMALE External Plug-In Power Supply; Series:; Output Voltage:24V; Output Power Max:18W; Output Current:0.75A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:86% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:18V; Output Power Max:18W; Output Current:1A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:85% RoHS Compliant: Yes External Plug-In Power Supply; Series:; Output Voltage:12V; Output Power Max:18W; Output Current:1.5A; No. of Outputs:1; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Power Supply Efficiency:83% RoHS Compliant: Yes Circular Connector; Body Material:Aluminum Alloy; Series:MS3110; No. of Contacts:8; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Pin RoHS Compliant: No TV CABLE (RG-6); SCREW ON (THREADED) 6FT WHITE TV CABLE (RG-6); SCREW ON (THREADED)12FT WHITE
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
0435.250 04351.25 04351.75 0435.500 0435.375 04350 |
Surface Mount Fuses - Thin-Film Surface Mount Multiconductor Cable; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:41 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Temperature Max:60 C; Voltage Nom.:300V RoHS Compliant: Yes LED Panel Mount Indicator; LED Color:Orange; Color:Orange; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No
|
Littelfuse, Inc.
|
S-2402-CCT |
Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 2 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER, SOCKET
|
Cinch Connectors
|
J20-0013NL J20-0014NL J20-0016NL J20-0015NL |
RoHS peak wave solder temperature rating 260C
|
Pulse A Technitrol Company
|
50-15SN-5 50-44SN-9 50-6SN-6 |
Fork Tongue Solderless Terminal; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 15 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER Card Edge Connector; No. of Contacts:44; Pitch Spacing:0.156"; Contact Termination:Solder; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 44 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER 6 CONTACT(S), FEMALE, STRAIGHT SINGLE PART CARD EDGE CONN, SOLDER
|
Cinch Connectors
|
25AA256T-EP 25LC256T-EP 25AA256-IMFG 25AA256T-IMF |
256K SPI Bus Serial EEPROM 256K SPI总线串行EEPROM DBL BNDPOST MTG BASE 10/PKG (BLACK) RoHS Compliant: Yes IC Socket Test Clip; No. of Contacts:1 RoHS Compliant: Yes GT 8C 8#16 SKT PLUG RES POWER .010 OHM 1W 1% SMT SENSOR REFLECTIVE OBJECT LED 470NM ROUND BLUE 3MM DIP IC Test Clip; No. of Contacts:40; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes BNC (M-F), 600 OHM RoHS Compliant: Yes
|
http:// Microchip Technology, Inc. Microchip Technology Inc.
|
057-010-155A |
Multipole Connector; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 10 CONTACT(S), MALE, TWO PART EURO CONNECTOR, IDC
|
ITW Pancon
|